Part Number Hot Search : 
VICES A1727 LH1514 BDR2G 7702B N7555 TM128 BD48E44
Product Description
Full Text Search
 

To Download PN2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
PN2222A
DISCRETE SEMICONDUCTORS
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Description
Designed for general purpose amplifier and highspeed, medium-power switching applications.
TO-92
.190(4.83) .170(4.33) .190(4.83) .170(4.33) 2 Typ 2 Typ .500 Min (12.70)
o o
Pinning
1 = Emitter 2 = Base 3 = Collector
Absolute Maximum Ratings(TA=25oC)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC PD TJ TSTG Rating 75 40 6 600 625 +150 -55 to +150 Unit V V V mA mW
o o
.050 Typ (1.27)
.022(0.56) .014(0.36) .100 Typ (2.54)
.022(0.56) .014(0.36)
321
.148(3.76) .132(3.36)
C
.050 o o 5 Typ. 5 Typ. (1.27) Typ Dimensions in inches and (millimeters)
C
Electrical Characteristics o
Characteristic
(Ratings at 25 C ambient temperature unless otherwise specified)
Symbol BVCBO BVCEO BVEBO ICBO ICEX IEBO
(1)
Min 75 40 6 35 50 75 100 40 50 300 2%
Typ -
Max 10 10 100 0.3 1 1.2 2 300 8
Unit V V V nA nA nA V V V V MHz pF
Test Conditions IC=10A, IE=0 IC=10mA, IB=0 IE=10A, IC=0 VCB=60V, IE=0 VCB=60V, VEB(off)=3V VEB=3V, IC=0 IC=150mA, IB=15mA IC=500mA, IB=50mA IC=150mA, IB=15mA IC=500mA, IB=50mA IC=0.1mA, VCE=10V IC=1mA, VCE=10V IC=10mA, VCE=10V IC=150mA, VCE=10V IC=500mA, VCE=10V IC=150mA, VCE=1V IC=20mA, VCE=20V, f=100MHz VCB=10V, f=1MHz
Collector-Base Breakdown Volatge Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Volatge Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
(1)
VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 hFE1 hFE2 hFE3 hFE4 hFE5 hFE6
DC Current Gain(1)
Transition Frequency Output Capacitance (1)Pulse Test: Pulse Width
fT Cob 380s, Duty Cycle


▲Up To Search▲   

 
Price & Availability of PN2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X